|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Thick Film Chip Resistors Thick Film Chip Resistors Features: * * * Small size and light weight. Suitable for both flow and reflow soldering. Reduction of assembly costs and matching with placement machines. Performance Specifications: Temperature coefficient Short-time overload Minimum Insulation resistance Dielectric withstanding voltage Terminal bending Soldering heat Minimum solderability Temperature cycling Humidity (Steady state) Load life in humidity Load life : 5%: 1 ~ 10 200PPM/C 1%: 10 ~ 100 200PPM/C; 101 ~ 1M 100PPM/C. : 5%: (2.0% +0.1) Maximum 1%: (1.0% +0.1) Maximum. : 1000 Megaohm. : No evidence of flashover, mechanical damage, arcing or insulation breakdown. : (1.0% +0.05) Maximum . : (1.0% +0.05) Maximum. : 95% coverage. : 5%: (1.0% +0.05) Maximum 1%: (0.5% +0.05) Maximum. : 5%: (3.0% +0.1) Maximum : 1%: (0.5% +0.1) Maximum. : 5%: (3.0% +0.1) Maximum 1%: (1.0% +0.1) Maximum. : 5%: (3.0% +0.1) Maximum 1%: (1.0% +0.1) Maximum. *The values which are not of standard E-24 series (2% & 5%) and not of E-96 series (1%) could be offered on a case to case basis. Specification Table Type Power Rating at 70C (W) Maximum Working Voltage (V) 1A 0402 1/16 50 100 Maximum Overload Voltage (V) 2A -55 to +155 Operating Temperature (C) Tolerance (%) Jumper 1 2 5 Resistance Range <50m 10 - 1M 1 - 10M 1 - 10M Standard Series E96 E24 E24 Page 1 29/08/07 V1.1 Thick Film Chip Resistors Construction: Power Rating and Dimension: L L1 L1 W W H L2 L2 H Dimension Series Length (L) 0.10 1.00 Width (W ) 0.05 0.50 Height (H) 0.05 0.35 Length (L1) 0.10 0.20 Length (L2) 0.10 0.25 Dimensions : Millimetres 0402 Derating Curve Page 2 29/08/07 V1.1 Thick Film Chip Resistors Marking on the Resistors Body * * For 0402 size, no marking on the body due to the small size of resistor. 5% tolerance product. (Including resistance values less than 1; both 1% and 5%) The marking is 3 digits, the first 2 digits are the significant figures of the resistance and the 3rd digit denotes number of zeros. 153 = 15000 = 15K; 120 = 12 Below 10 shown as this: 6R8 = 6.8 153 6R8 Resistance Preferred Value Range E6 10 E12 10 E24 10 E96 10.0 10.2 10.5 10.7 11 11.0 11.3 11.5 11.8 12 12 12.1 12.4 12.7 13 13.0 13.3 13.7 14.0 14.3 14.7 15 15 15 15.0 15.4 15.8 16 16.2 16.5 16.9 17.4 17.8 18 18 18.2 18.7 19.1 19.6 20 20.0 20.5 21.0 Above values in accordance with IEC Publication 63 (1963) and BS2488 43 39 39 36 33 33 33 30 27 27 24 E6 22 E12 22 E24 22 E96 21.5 22.1 22.6 23.2 23.7 24.3 24.9 25.5 26.1 27.7 27.4 28.0 28.7 29.4 30.1 30.9 31.6 32.4 33.2 34.0 34.8 35.7 36.5 37.4 38.3 39.2 40.2 41.2 42.2 43.2 44.2 45.3 91 82 82 75 68 68 68 62 56 56 51 E6 47 E12 47 E24 47 E96 46.4 47.5 48.7 49.9 51.1 52.3 53.6 54.9 56.2 57.6 59.0 60.4 61.9 63.4 64.9 66.5 68.1 69.8 71.5 73.2 75.0 76.8 78.7 80.6 82.5 84.5 86.6 88.7 90.9 93.1 95.3 97.6 Page 3 29/08/07 V1.1 Thick Film Chip Resistors Part Number Table Resistance Value 0R 1R5 2R2 3R3 4R7 6R8 10R 11R 12R 13R 15R 16R 18R 20R 22R 24R 27R 30R 33R 36R 39R 43R 47R 51R 56R 62R 68R 75R 82R 91R 100R Part Number 0402WGF0000TCE 0402WGF150KTCE 0402WGF220KTCE 0402WGF330KTCE 0402WGF470KTCE 0402WGF680KTCE 0402WGF100JTCE 0402WGF110JTCE 0402WGF120JTCE 0402WGF130JTCE 0402WGF150JTCE 0402WGF160JTCE 0402WGF180JTCE 0402WGF200JTCE 0402WGF220JTCE 0402WGF240JTCE 0402WGF270JTCE 0402WGF300JTCE 0402WGF330JTCE 0402WGF360JTCE 0402WGF390JTCE 0402WGF430JTCE 0402WGF470JTCE 0402WGF510JTCE 0402WGF560JTCE 0402WGF620JTCE 0402WGF680JTCE 0402WGF750JTCE 0402WGF820JTCE 0402WGF910JTCE 0402WGF1000TCE Page 4 29/08/07 V1.1 Thick Film Chip Resistors Part Number Table Resistance Value 110R 120R 130R 150R 160R 180R 200R 220R 240R 270R 300R 330R 360R 390R 430R 470R 510R 560R 620R 680R 750R 820R 910R 1K 1K1 1K2 1K3 1K5 1K6 1K8 2K Part Number 0402WGF1100TCE 0402WGF1200TCE 0402WGF1300TCE 0402WGF1500TCE 0402WGF1600TCE 0402WGF1800TCE 0402WGF2000TCE 0402WGF2200TCE 0402WGF2400TCE 0402WGF2700TCE 0402WGF3000TCE 0402WGF3300TCE 0402WGF3600TCE 0402WGF3900TCE 0402WGF4300TCE 0402WGF4700TCE 0402WGF5100TCE 0402WGF5600TCE 0402WGF6200TCE 0402WGF6800TCE 0402WGF7500TCE 0402WGF8200TCE 0402WGF9100TCE 0402WGF1001TCE 0402WGF1101TCE 0402WGF1201TCE 0402WGF1301TCE 0402WGF1501TCE 0402WGF1601TCE 0402WGF1801TCE 0402WGF2001TCE Page 5 29/08/07 V1.1 Thick Film Chip Resistors Part Number Table Resistance Value 2K2 2K4 2K7 3K 3K3 3K6 3K9 4K3 4K7 5K1 5K6 6K2 6K8 7K5 8K2 9K1 10K 11K 12K 13K 15K 16K 18K 20K 22K 24K 27K 30K 33K 36K 39K Part Number 0402WGF2201TCE 0402WGF2401TCE 0402WGF2701TCE 0402WGF3001TCE 0402WGF3301TCE 0402WGF3601TCE 0402WGF3901TCE 0402WGF4301TCE 0402WGF4701TCE 0402WGF5101TCE 0402WGF5601TCE 0402WGF6201TCE 0402WGF6801TCE 0402WGF7501TCE 0402WGF8201TCE 0402WGF9101TCE 0402WGF1002TCE 0402WGF1102TCE 0402WGF1202TCE 0402WGF1302TCE 0402WGF1502TCE 0402WGF1602TCE 0402WGF1802TCE 0402WGF2002TCE 0402WGF2202TCE 0402WGF2402TCE 0402WGF2702TCE 0402WGF3002TCE 0402WGF3302TCE 0402WGF3602TCE 0402WGF3902TCE Page 6 29/08/07 V1.1 Thick Film Chip Resistors Part Number Table Resistance Value 43K 47K 51K 56K 62K 68K 75K 82K 91K 100K 110K 120K 130K 150K 160K 180K 200K 220K 240K 270K 300K 330K 360K 390K 430K 470K 510K 560K 620K 680K 750K 820K 910K 1M Part Number 0402WGF4302TCE 0402WGF4702TCE 0402WGF5102TCE 0402WGF5602TCE 0402WGF6202TCE 0402WGF6802TCE 0402WGF7502TCE 0402WGF8202TCE 0402WGF9102TCE 0402WGF1003TCE 0402WGF1103TCE 0402WGF1203TCE 0402WGF1303TCE 0402WGF1503TCE 0402WGF1603TCE 0402WGF1803TCE 0402WGF2003TCE 0402WGF2203TCE 0402WGF2403TCE 0402WGF2703TCE 0402WGF3003TCE 0402WGF3303TCE 0402WGF3603TCE 0402WGF3903TCE 0402WGF4303TCE 0402WGF4703TCE 0402WGF5103TCE 0402WGF5603TCE 0402WGF6203TCE 0402WGF6803TCE 0402WGF7503TCE 0402WGF8203TCE 0402WGF9103TCE 0402WGF1004TCE Page 7 29/08/07 V1.1 Thick Film Chip Resistors Multiplier Code (for 0402 1% Marking) Code Multiplier A 10 0 B 10 1 C 10 2 D 10 3 E 10 4 F 10 5 G 10 6 H 10 7 X 10 -1 Y 10 -2 Z 10 -3 Standard E-96 Series Resistance Value Code (for 0402 1% Marking) Value 100 102 105 107 110 113 115 118 121 124 127 130 133 137 140 143 147 150 154 158 Code 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 Value 162 165 169 174 178 182 187 191 196 200 205 210 215 221 226 232 237 243 249 255 Code 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 Value 261 267 274 280 287 294 301 309 316 324 332 340 348 357 365 374 383 392 402 412 Code 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 Value 422 432 442 453 464 475 487 499 511 523 536 549 562 576 590 604 619 634 649 665 Code 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 Value 681 698 715 732 750 768 787 806 825 845 866 887 909 931 953 976 Code 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 - Stocked Values Tolerance 1% 1% 1% Wattage 0.06W 0.1W 0.125W Preferred Value Range E96 E24 E24 Range Value 0R - 1M 0R - 1M 0R - 1M Page 8 29/08/07 V1.1 |
Price & Availability of 0402WGF5100TCE |